Part Number Hot Search : 
MBR3010 W91511AN M1320 74HC2G86 UM706RS EMG408 R5F21236 PI5L100W
Product Description
Full Text Search
 

To Download IXFH22N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved ds99358g(07/09) v dss = 500v i d25 = 22a r ds(on) 270 m t rr 200 ns n-channel enhancement mode avalanche rated fast intrinsic diode symbol test conditions maximum ratings v dss t j = 25 c to 150 c 500 v v dgr t j = 25 c to 150 c, r gs = 1m 500 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c22a i dm t c = 25 c, pulse width limited by t jm 50 a i a t c = 25 c22a e as t c = 25 c 750 mj dv/dt i s i dm , v dd v dss ,t j 150 c 10 v/ns p d t c = 25 c 350 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus 220) 11..65/2.5..14.6 n/lb. weight to-247 6 g plus 220 types 4 g ixfv22n50p ixfv22n50ps IXFH22N50P symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 500 v v gs(th) v ds = v gs , i d = 2.5ma 3.0 5.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss , v gs = 0v 15 a t j = 125 c 250 a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 270 m polar tm power mosfet hiperfet tm g s d (tab) plus220smd (ixfv_s) plus220 (ixfv) g d s d (tab) g = gate d = drain s = source tab = drain to-247 (ixfh) d (tab) features z international standard packages z avalanche rated z fast intrinsic diode z low package inductance advantages z high power density z easy to mount z space savings applications z switched-mode and resonant-mode power supplies z dc-dc converters z laser drivers z ac and dc motor drives z robotics and servo controls
ixys reserves the right to change limits, test conditions, and dimensions. ixfv22n50ps ixfv22n50p IXFH22N50P symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 12 20 s c iss 2880 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 310 pf c rss 29 pf t d(on) 22 ns t r 25 ns t d(off) 72 ns t f 21 ns q g(on) 50 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 16 nc q gd 18 nc r thjc 0.35 c /w r thcs (to-247 & plus220) 0.25 c /w source-drain diode symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 22 a i sm repetitive, pulse width limited by t jm 88 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 200 ns q rm 0.7 c i rm 7.0 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 22a, -di/dt = 100a/ s v r = 100v, v gs = 0v to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 10 (external) l l3 l2 l1 a1 e1 e d1 e b d c a2 a a3 l4 terminals: 1 - gate 2 - drain 3 - source tab - drain e e1 d l2 a a1 l1 l l3 e 2x b c a2 l4 a3 e1 plus220smd (ixfv_s) outline d1 l l3 l1 e1 e e b d c a2 a1 a l2 terminals: 1 - gate 2 - drain 3 - source tab - drain e1 e l2 d l3 l l1 3x b 2x e c a2 a1 a e1 d1 plus220 (ixfv) outline
? 2009 ixys corporation, all rights reserved ixfv22n50ps ixfv22n50p IXFH22N50P fig. 1. output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 20 22 01234567 v ds - volts i d - amperes v gs = 10v 8v 7v 5 v 6 v fig. 2. extended output characteristics @ 25oc 0 5 10 15 20 25 30 35 40 45 50 55 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 8v 7 v 6 v 5 v fig. 3. output characteristics @ 125oc 0 2 4 6 8 10 12 14 16 18 20 22 02468101214 v ds - volts i d - amperes v gs = 10v 7v 5 v 6v fig. 4. r ds(on) normalized to i d = 11a value vs. junction temperature 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 22a i d = 11a fig. 5. r ds(on) normalized to i d = 11a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 0 5 10 15 20 25 30 35 40 45 50 55 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 4 8 12 16 20 24 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfv22n50ps ixfv22n50p IXFH22N50P fig. 7. input admittance 0 5 10 15 20 25 30 35 40 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 5 10 15 20 25 30 35 40 0 4 8 12162024283236 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 10 20 30 40 50 60 70 80 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 50 q g - nanocoulombs v gs - volts v ds = 250v i d = 11a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1.0 10.0 100.0 10 100 1000 v ds - volts i d - amperes t j = 150oc t c = 25oc single pulse 25s 1ms 100s r ds(on) limit 10ms dc 100ms
? 2009 ixys corporation, all rights reserved ixfv22n50ps ixfv22n50p IXFH22N50P ixys ref: f_22n50p(63)07-22-09-b fig. 13. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFH22N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X